Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 19 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 19 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 23Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 2: Pin Description
Page 11
PIN DESCRIPTIONS
Many of the pins of these devices have multiple functions. Designate the multi-function pins by bolding the pin number.
Designers must assure that they have identified all modes of operation prior to final design.
The pin assignment shown below and in the pin description table is subject to change without notice. Contact Altima
Communications Inc. before implementing any design based on the information provided in this data sheet.
Signal types:
•
I = inputs
•
O = outputs
•
Z = high impedance
•
U = pull up
•
D = pull down
•
A = analog signal
•
* = Active Low Signal
•
NC = No Connect pin
Table 2:
MDI (Media Dependent Interface) Pins
Pin Name
Pin #
Type
Description
RXIN_TXON(A)
RXIN_TXON(B)
RXIN_TXON(C)
RXIN_TXON(D)
1
14
17
30
AI/O
AI/O
AI/O
AI/O
MDI: Receiver input Negative for both 10BASE-T and 100BASE-TX.
MDIX: Transmitter output Negative for both 10BASE-T and 100BASE-TX.
RXIP_TXOP(A)
RXIP_TXOP(B)
RXIP_TXOP(C)
RXIP_TXOP(D)
2
13
18
29
AI/O
AI/O
AI/O
AI/O
MDI: Receiver input Positive for both 10BASE-T and 100BASE-TX.
MDIX: Transmitter output Positive for both 10BASE-T and 100BASE-TX.
TXON_RXIN(A)
TXON_RXIN(B)
TXON_RXIN(C)
TXON_RXIN(D)
6
9
22
25
AI/O
AI/O
AI/O
AI/O
MDI: Transmitter output Negative for both 10BASE-T and 100BASE-TX.
MDIX: Receiver input Negative for both 10BASE-T and 100BASE-TX.
TXOP_RXIP(A)
TXOP_RXIP(B)
TXOP_RXIP(C)
TXOP_RXIP(D)
5
10
21
26
AI/O
AI/O
AI/O
AI/O
MDI: Transmitter output Positive for both 10BASE-T and 100BASE-TX.
MDIX: Receiver input Positive for both 10BASE-T and 100BASE-TX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com