Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 20 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 20 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 22Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 23Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 24Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 12 Section 2: Pin Description
Document
AC104X-DS00-405-R
Table 3:
RMII (Reduced Media Independent Interface) Pins
Pin Name
Pin #
Type
Description
TXD[1:0](A)
TXD[1:0](B)
TXD[1:0](C)
TXD[1:0](D)
84, 85
74, 75
60, 61
50, 51
I,D
I,D
I,D
I,D
RMII Transmit Data. The MAC sources the TXD[1:0](n) synchronous with REFCLK
when TX_EN(n) is asserted.
TX_EN(A)
TX_EN(B)
TX_EN(C)
TX_EN(D)
86
76
63
53
I,D
I,D
I,D
I,D
RMII Transmit Enable. TX_EN(n) is asserted high by the MAC to indicate that valid
data for transmission is presented on the TXD[1:0](n).
RXD[1:0](A)
RXD[1:0](B)
RXD[1:0](C)
RXD[1:0](D)
78,79
68,69
55,56
45,46
O
O
O
O
RMII Receive Data. The PHY sources the RXD[1:0](n) synchronous with REFCLK
when CRS_DV(n) is asserted.
CRS_DV(A)
CRS_DV(B)
CRS_DV(C)
CRS_DV(D)
82
71
58
48
O
O
O
O
CRS_DV(n) is asserted high when media is non-idle.
RX_ER(A)
RX_ER(B)
RX_ER(C)
RX_ER(D)
81
70
57
47
O
O
I/O,D
I/O,D
RMII Receive Error. When RX_ER is asserted high, it indicates an error has been
detected during frame reception.
REFCLK
66
I
Reference Clock Input – 50 MHz-100PPM TTL
Table 4:
SMI ( Serial Management Interface) Pins
Pin Name
Pin #
Type
Description
MDIO
64
I/O, D
Management Data Input/Output. Bi-directional data interface. 1.5K pull up resistor
required (as specified in IEEE-802.3).
MDC
65
I, D
Management Data Clock. 0 to 25 MHz clock sourced by the MAC for transfer of
MDIO data.
INTR
94
Z
Interrupt. See Register 17. The INTR pin has a high impedance output. A 1K
Ω Re-
sister pull-up is required for this active low signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com