Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 38 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 38 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 36Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 37Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 38Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 39Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 40Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 41Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 42Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 30 Section 3: Register Descriptions
Document
AC104X-DS00-405-R
Figure 3:
LED Configurations
Table 34:
LED Configurations
Mode
LEDDPX
LEDACT
LEDSPD
10M Link
ON
OFF
10M HDX Transmit
OFF
TOGGLE
OFF
10M HDX Receive
OFF
TOGGLE
OFF
10 HDX Collision
ON during collision
TOGGLE
OFF
10M FDX Transmit
ON
TOGGLE
OFF
10M FDX Receive
ON
TOGGLE
OFF
100M Link
ON
ON
100M HDX Transmit
OFF
TOGGLE
ON
100M HDX Receive
OFF
TOGGLE
ON
100 HDX Collision
ON during collision
TOGGLE
ON
100M FDX Transmit
ON
TOGGLE
ON
100M FDX Receive
ON
TOGGLE
ON
300
10K
300
10K
Vcc
Multi Function
LED pin pulled
high for reset.
Multi Function
LED pin pulled
low for reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com