Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 29 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 29 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 25Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 33Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 3: Register Descriptions
Page 21
Table 19:
Register 7: Auto-Negotiation Next Page Transmit
Bit
Name
Description
Mode
Default
7.15
NP
1 = Another Next Page desired.
0 = No other Next Page Transfer desired.
RW
0
7.14
Reserved
RO
0
7.13
MP
1 = Message page.
0 = Un-formatted page.
RW
1
7.12
ACK2
1 = Will comply with message.
0 = Can not comply with message.
RW
0
7.11
TOG_TX
1 = Previous value of transmitted link code word equals to 0.
0 = Previous value of transmitted link code word equals to 1.
RW
0
17.[10:0]
CODE
Message/Un-formatted Code Field.
RW
001
Table 20:
Register 16: BT and Interrupt Level Control
Bit
Name
Description
Mode
Default
16.15
Reserved
RW
0
16.14
Reserved
RO
0
16.13
Reserved
RW
0
16.12
Reserved
RW
1
16.11
SQE Test
Inhibit
1 = Disable 10BASE-T SQE testing.
0 = Enable 10BASE-T SQE testing, which generates a COL pulse
following the completion of a packet transmission.
RW
0
16.10
BT Normal
Loop-back
1 = Enable 10BASE-T normal loop-back.
0 = Disable 10BASE-T normal loop-back.
RW
0
16.[9:6]
Reserved
RO
0
16.5
Auto Polarity
Disable
1 = Disable Auto Polarity detection/correction.
0 = Enable Auto Polarity detection/correction.
RW
0
16.4
Reverse
Polarity
1= Reverse Polarity when Register 16.5 = 0
0= Normal Polarity when Register 16.5 = 0
If Register 16.5 is set to 1, writing a one to this bit will reverse the
polarity of the transmitter.
RW
0
16.[3:0]
Reserved
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com