Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 18 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 18 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 14Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 15Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 16Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 17Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 18Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 19Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 20Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 21Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 22Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
■ AC104X
Preliminary Data Sheet
12/11/01
B roa dcom Co rpo rat ion
Page 10 Section 2: Pin Description
Document
AC104X-DS00-405-R
Section 2 : P in D esc ription
PIN DIAGRAM
Figure 2:
AC104X 100-pin
RX_ER(A)
81
50
TXD1_D
CRS_DV(A)
82
49
CGND1
CGND4
83
48
CRS_DV(D)
TXD1_A
84
47
PHYAD_ST/RX_ER(D)
TXD0_A
85
46
RXD0_D
TXEN(A)
86
45
RXD1_D
OGND3
87
44
OVDD1
LEDDPX(B)/PHYAD[4]
88
43
FORCE100/LEDSPD(C)
LEDACT_LNK(B)/PHYAD[3]
89
42
LEDACT_LNK(C)
LEDSPD(B)/PHYAD[2]
90
41
DPLX/LEDDPX(C)
LEDDPX(A)/COL_LED_EN
91
40
BURN-IN/LEDSPD(D)
LEDACT_LNK(A)
92
39
ANEGA/LEDACT_LNK(D)
LEDSPD(A)
93
38
SCRAM_EN/LEDDPX(D)
INTR
94
37
NC6
RSTN
95
36
NC5
GAGND
96
35
NC4
IBREF
97
34
NC3
GAVDD1
98
33
NC2
GAVDD2
99
32
NC1
AVDD8
100
31
AVDD7
AC104X
100-pin
PQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com