Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC104X-DS00-R Datasheet(PDF) 31 Page - Broadcom Corporation.

Part # AC104X-DS00-R
Description  2.5V 4-Port 10/100-TX Ethernet Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104X-DS00-R Datasheet(HTML) 31 Page - Broadcom Corporation.

Back Button AC104X-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC104X-DS00-R Datasheet HTML 35Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
Preliminary Data Sheet
■ AC104X
12/11/01
B roa dcom Co rpo rat ion
Document
AC104X-DS00-405-R
Section 3: Register Descriptions
Page 23
Table 22:
Register 18: Diagnostic
Bit
Name
Description
Mode
Default
18.15
Lp_Inbk
Link pulse loopback.
1 = Loopback the link pulse for auto-negotiation testing.
RW
0
18.14
Send_nlp
1 = Force link pulse generator to send nlp even in auto-
negotiation mode.
RW
0
18.13
Force Link Pass bt
1 = Force 10BASE-T link pass.
RW
0
18.12
Force Link Pass tx
1 = Force 100BASE-TX link pass.
RW
0
18.11
DPLX
This bit indicates the result of the auto-negotiation for duplex
arbitration.
RO
0
18.10
Speed
This bit indicates the result of the auto-negotiation for data
speed arbitration.
RO
0
18.9
RX_PASS
In 10BASE-T mode, this bit indicates the Manchester data
has been detected.
In 100BASE-T mode, it indicates valid signal has been
received but not necessarily locked on to.
RC
0
18.8
RX_LOCK
Indicates the receive PLL has locked onto the received signal
for the selected speed of operation (10BASE-T or 100BASE-
TX). This bit is set whenever a cycle-slip occurs, and will
remain set until it is read.
RC
0
18.[7:4]
ARB_STATE
HIGHEST
Highest state of Auto-Negotiation state machine since reset
on last read operation.
RC
0000
18.[3:0]
ARB_STATE
LOWEST
Lowest state of Auto-Negotiation state machine since reset
on last read operation.
RC
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com