Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 125 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 125 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 121Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 122Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 123Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 124Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 125Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 126Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 127Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
125
3.6.1
ATU_DATA0
Address 0x0600
SFT&HW RST
Table 3-107 summarizes the ATU_DATA0 Register 0
Table 3-107.
ATU DATA 0 Register 0
3.6.2
ATU_DATA1
Address 0x0604
SFT&HW RST
Table 3-108 summarizes the ATU_DATA1 Register 1
Table 3-108.
ATU DATA 1 Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:0
R/W W
0
ATU_MAC_ADDR0
this is the MAC address bit [31:0]
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W W
0
ATU_HASH_HIGH_ADDR
Mac hash addr max bit use for get next
30
R/W W
0
ATU_SA_DROP_EN
Drop packet enable when source
address is in this entry. If this bit is set
to 1'b1, the packet with sa of this entry
will be dropped.
29
R/W W
0
ATU_MIRROR_EN
1: indicates packets should be send to
mirror port and destination port.
0: indicates packets should only be
send to destination port.
28
R/W W
0
ATU_PRI_OVER_EN
Priority override enable.
1: indicates ATU_PRI can override any
other priority determined by the
frame's data.
27
R/W W
0
ATU_SVL_ENTRY
1'b1: SVL learned;
1'b0: IVL learned
26:24
R/W W
0
ATU_PRI
This priority bits may be used as
frame's priority when PRI_OVER_EN
set to one.
23
R/W W
0
ATU_CROSS_PORT_STATE_EN
1'b1, cross port_state enable
22:16
R/W W
0
ATU_DES_PORT
These bits indicate which ports are
associated with this mac address when
they are set to one. Bit 16 is assigned to
port0, 17 to port1, 18 to port2,etc
15:0
R/W W
0
ATU_MAC_ADDR1
mac address bit [47:32]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com