Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 127 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 127 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 123Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 124Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 125Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 126Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 127Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 131Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
127
Table 3-110.
ATU_FUNC_REG Register
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W SC
0
AT_BUSY
DEPEND: AT_DONE, Address table busy. This
bit must be set to 1'b1 to start an AT operation
and cleared to zero by hardware after the
operation is done. If this bit is 1'b1 on read, cpu
can't request another operation.
30:25
R/O
0
RESERVED
24:22
R/W
0
TRUNK_PORT_NUM
TRUNK port number. When CPU function is
"CHANGE TRUNK PORT", the AT_PORT_NUM
in arl bitmap will be changed to
TRUNK_PORT_NUM.
21
R/O
0
RESERVED
20:16
R/W
0
ATU_INDEX
If ATU_TYPE is reserved ATU Entry, this index is
the address of Reserved ATU entry
15
R/W
0
AT_VID_EN
1'b1: when CPU function is "GET NEXT", the vid
in the valid ARL entry must be equal to the vid
we set
14
R/W
0
AT_PORT_EN
1'b1: when CPU function is "GET NEXT", the
AT_PORT_NUM must be in the Destination port
in the valid ARL entry.
13
R/W
0
AT_MULTI_EN
1'b1: when CPU function is "GET NEXT", the
high bytes of mac address in the valid ARL entry
must be 0x01005E or 0x3333.
1'b0: all enty
12
R/W
0
AT_FULL_VIO
ARL table full violation. This bit is set to 1'b1 if
the ARL table is full when cpu want to add a new
entry to ARL table, and also be set to 1'b1 if the
ARL table is empty when cpu want to purge an
entry to ARL table.
11:8
R/W
0
AT_PORT_NUM
Port number to be flushed. If "AT_FUNC" is set
to 4'b0101, lookup module must flush all unicast
entries for the port.(or flush the port from ARL
table)
7:6
R/O
0
RESERVED
5
R/W
0
ATU_TYPE
1'b1:Reserved ATU Entry
1'b0: Normal ATU Entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com