Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 129 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 129 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 125Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 126Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 127Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 131Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 132Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 133Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
129
3.6.6
VTU_FUNC_REG1
Address 0x0614
SFT&HW RST
Table 3-112 summerizes the VTU_FUNC_REG1 Register 1
Table 3-112.
VTU Function Register 1
18
R/W W
0
VTU_LEARN_LOOKUP_DIS
1:indicates no learn and not use arl
table DP calculate final DP, but use uni
flood DP as ARL DP to calculate DP
0:indicates normal operation about
learn and final DP
17:4
R/W W
0
VTU_EG_VLAN_MODE
5:4 for port0, 7:6 for port1 …17:16 for
port6
2'b00: unmodified
2'b01: untagged
2'b10: tagged
2'b11: not member
3
R/W W
0
VTU_PRI_OVER_EN
VLAN Priority override enable.
2:0
R/W W
0
VTU_PRI
This priority bits may be used as
frame's priority when
VTU_PRI_OVER_EN set to one.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W SC
0
VT_BUSY
DEPEND:VT_DONE, VLAN table busy. This bit must
be set to 1'b1 to start a VT operation and cleared to
zero after operation done. If this bit is set to 1'b1, cpu
can't request another operation.
30:28
R/O
0
RESERVED
27:16
R/W W
0
VID
DEPEND:VT_DONE,VT_CSR_VID[11:0], Value of
VLAN ID to be added or purged.
15:12
R/O
0
RESERVED
11:8
R/W
0
VT_PORT_NUM
Port number.
7:5
R/O
0
RESERVED
4
R/O C
0
VT_FULL_VIO
VLAN table full violation. This bit is set to 1'b1 if the
VLAN table is full when cpu want to add a new VID
to VLAN table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com