Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 132 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 132 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 131Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 132Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 133Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 134Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 135Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 136Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 394 page
background image
132 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
132 • June 2011
COMPANY CONFIDENTIAL
19
R/W
0
ARP_REQ_UNI
18
R/O
0
RESERVED
17
R/W
0
NAT_NOT_FOUND_DRO
P_EN
1'b1: drop
1'b0: to cpu
16
R/O
0
RESERVED
15
R/O
0
RESERVED
14
R/W
0
IGMP_LEAVE_DROP_EN
IGMP/MLD leave packet.
After updated the portmap of ARL(IGMP/
MLD Group address).
If portmap in ARL is not empty,
1'b1: drop this packet.
1'b0: forwarding to IGMP_JOIN_LEAVE_DP
13
R/W
0
ARL_UNI_LEAKY_EN
1'b1: use LEAKY_EN bit in ARL table to
control unicast frame leaky VLAN, and ignore
"UNI_LEAKY_EN".
1'b0: ignore LEAKY_EN bit in ARL table to
control unicast frame leaky VLAN. Only use
port base UNI_LEAKY_EN to control unicast
frame leaky VLAN.
12
R/W
0
ARL_MULTI_LEAKY_EN
1'b1: use LEAKY_EN bit in ARL table to
control multicast frame leaky VLAN, and
ignore "MULTI_LEAKY_EN".
1'b0: ignore LEAKY_EN bit in ARL table to
control multicast frame leaky VLAN. Only use
port base MULTI_LEAKY_EN to control
multicast frame leaky VLAN.
11
R/W
1
MANAGE_VID_VIO_DR
OP_EN
1'b1: management frame should be drop if
vlan violation occur
1'b0: management frame transmit out if vlan
violation occur.
10
R/W
0
CPU_PORT_EN
1''b1: cpu is connected to port0; 1'b0: no cpu
connect to switch
If this bit is set to 1'b1, head_en of mac0
should be set to 1'b1.
9R/O
1'b0
RESERVED
8
R/W
1'b0
PPPOE_REDIRECT_EN
PPPoE discovery frame redirect to cpu enable.
If this bit is set to 1'b1, PPPoE discovery frame
should be redirect to cpu port. If this bit set to
1'b0, PPPoE discovery frame should be
tranmit as normal frame.
7:4
R/W
0xF
MIRROR_PORT_NUM
Port number which packet should be mirrored
to. 4'h0 is port0, 4'h1 is port1,etc.
If value more than 6, no mirror port connected
to switch
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com