Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 130 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 130 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 126Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 127Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 131Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 132Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 133Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 134Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 394 page
background image
130 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
130 • June 2011
COMPANY CONFIDENTIAL
3.6.7
ARL_CTRL
Address 0x00618
SFT&HW RST
Table 3-113 summerizes the ARL_CTRL Register
Table 3-113.
ARL Control Register
3R/O
0
RESERVED
2:0
R/W
0
VT_FUNC
VLAN table operate function.
3'b000: No operation.
3'b001: Flush all entries.
3'b010: load an entry. If these bits are set to 3'b010, cpu
want to load an entry into VLAN table.
3'b011: purge an entry. If these bits are set to 3'b011,
cpu want to purge an entry from VLAN table.
3'b100:remove an port from VLAN table. The port
number which need to be removed is indicated in
VT_PORT_NUM.
3'b101:get next
If vid is 12'b0 and vt_busy is set by software, hardware
should search the first valid entry in VLAN table.
If vid is 12'b0and vt_busy is reset by hard ware, there's
no valid entry from VID set by software.
3'b110: read one entry
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W SC
0
RESERVED
30
R/W
1’b0
LEARN_CHANGE_EN
1'b1: enable new mac address change old one if
hash violation occur when learning
1'b0: if hash violation occur when learning, no
new address be learned to arl.
29
R/W
1’b0
IGMP_JOIN_LEAKY_EN
Igmp join address leaky vlan enable.
1'b1: igmp join address should be set to
leaky_en in ARL table, bit 68 in ATU entry is
set to 1'b1.
1'b0: igmp join address needn't be set to
leaky_en in ARL table, bit 68 in ATU entry is
set to 1'b0.
28
R/W
0
IGMP_JOIN_NEW_EN
1'b1: enable hardware add new address to
ARL table when received IGMP/MLD join
frame, and remove address from ARL when
received IGMP/MLD leave frame.
27
R/W
1’b0
IGMP_JOIN_PRI_REMAP
_EN
Use for igmp packet learn in arl table, define
DA priority remap enable (atu[60])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com