Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 128 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 128 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 124Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 125Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 126Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 127Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 131Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 132Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 394 page
background image
128 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
128 • June 2011
COMPANY CONFIDENTIAL
3.6.5
VTU_FUNC_REG0
Address 0x0610
SFT&HW RST
Table 3-111 summerizes the VTU_FUNC_REG0 Register
Table 3-111.
VTU_FUNC_REG0 Register 0
4
R/W
0
FLUSH_STATIC_EN
1'b1: when AT_FUNC set to 3'b101, static entry in
arl table can be flush.
1'b0: when AT_FUNC set to 3'b101, only flush
dynamic entry in ARL table.
3:0
R/W
0
AT_FUNC
Address table operate function.
4'b0000: No operation.
4'b0001: Flush all entries.
4'b0010: load an entry. If these bits are set to
3'b010, cpu want to load an entry into ARL table.
4'b0011: purge an entry. If these bits are set to
3'b011, cpu want to purge an entry from ARL
table.
4'b0100: flush all unlocked entries in ARL.
4'b0101: flush one port from arl table
4'b0110: get next valid or static entry in ARL
table.
If address and at_status and vid are all zero,
hardware will search the first valid entry from
entry0.
If address is set to zero and at_status is not zero,
hardware will search next valid entry from entry
which address is 48'h0.
If hardware return back with address and
at_status and vid all zero, there's no other next
valid entry in ARL table.
4'b0111: search mac address
4'b1000: change trunk port
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20
R/W W
0
VTU_VALID
1:indicates entry is valid
0:indicates entry is empty
19
R/W W
0
VTU_IVL_EN
1:indicates this vid is used to ivl
0:indicates this vid is used to svl, vid
replaced by 0 when search mac
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com