Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 131 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 131 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 127Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 131Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 132Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 133Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 134Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 135Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
131
3.6.8
GLOBAL_FW_CTRL0
Address 0x0620
SFT&HW RST
Table 3-114 summerizes the GLOBAL_FW_CTRL0 Register
Table 3-114.
Global Forward Control Register
26:24
R/W
3’b0
IGMP_JOIN_PRI
Use for igmp packet learn in arl table, define
DA priority (atu[59:57)
23:20
R/W
4’hF
IGMP_JOIN_STATUS
Use for igmp packet learn in arl table, define
the status (atu[67:64])
19
R/W
1’b1
AGE_EN
Enable age operation.
1'b1: lookup module can age the address in the
address table.
18:16
R/W
0
LOOP_CHECK_TIMER
3'h0: disable loop back check
3'h1: 1ms
3'h2: 10ms
3'h3: 100ms
3'h4: 500ms
3'h5~7: reserved
15:0
R/W
‘h2B
AGE_TIME
Address Table Age Timer. These bits determine
the time that each entry remains valid in the
address table, since last accessed. For the time
is times 7s, maximum age time is about 10,000
minutes. The default value is 'h2B for five
minutes. If AGE_EN is set to 1'b1, these bits
shouldn't be set to zero.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:28
R/O
0
RESERVED
27:26
R/W
0
ARP_FORWARD_ACT
0:REDIRECT TO CPU
1:COPY TO CPU
2:FORWARD
25:24
R/W
0
SP_NOT_FOUND_ACT
For IP packet
0:FORWARD
1:DROP
2:TO CPU
23:22
R/W
0
ARP_SP_NOT_FOUND_A
CT
For ARP packet
0:FORWARD
1:DROP
2:TO CPU
21:20
R/W
0
HASH_MODE
Hash mode for Mac address. 0: crc_16, 1:
crc_10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com