Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 133 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 133 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 131Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 132Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 133Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 134Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 135Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 136Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 137Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
133
3.6.9
GLOBAL_FW_CTRL1
Address 0x0624
SFT&HW RST
Table 3-115 summarizes the GLOBAL_FW_CTRL1 Register 1
Table 3-115.
Global Forward Control Register 1
3.6.10
GOL_LEARN_LIMIT
Address 0x0628
3
R/W
0
IGMP_COPY_EN
1'b1: qm should copy IGMP/MLD frame to
cpu port.
1'b0: qm should redirect IGMP/MLD frame to
cpu port.
This IGMP not include the IGMP JOIN/
LEAVE packet
2
R/W
1'b0
RIP_COPY_EN
1'b1 : rip v1 frame copy to cpu
1'b0: don't copy rip v1 frame to cpu
1
R/W
0
RESERVED
0
R/W
1'b0
EAPOL_REDIRECT_EN
1'b1:802.1x frame redirect to cpu
1'b0: 802.1x frame copy to cpu
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
Reserved
30:24
R/W
0
IGMP_JOIN_LEAVE_DP
If mac receive IGMP/MLD fast join or
leave frame, should be send due to
these bits map destination port.
Notes: cpu port can cross vlan if port
bit map set to 1'b1.
23
R/W
0
RESERVED
22:16
R/W
7’h7E
BROAD_DP
If mac received broadcast frame use
these bits to determine destination
port.
15
R/O
0
RESERVED
14:8
R/W
7’h7E
MULTI_FLOOD_DP
If mac received unknown multicast
frame which DA is not contained in
ARL table, use these bits to determine
destination port.
7
R/0
0
RESERVED
6:0
R/W
7’h7E
UNI_FLOOD_DP
If mac received unknown unicast
frame which DA is not contained in
ARL table, use these bits to determine
destination port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com