Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327N-AL1A-R Datasheet(PDF) 134 Page - List of Unclassifed Manufacturers

Part # AR8327N-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327N-AL1A-R Datasheet(HTML) 134 Page - List of Unclassifed Manufacturers

Back Button AR8327N-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 131Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 132Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 133Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 134Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 135Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 136Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 137Page - List of Unclassifed Manufacturers AR8327N-AL1A-R Datasheet HTML 138Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 394 page
background image
134 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
134 • June 2011
COMPANY CONFIDENTIAL
SFT&HW RST
Table 3-116 summarizes the GOL_LEARN_LIMIT Register
Table 3-116.
Global Learn Limit Control Register
3.6.11
TOS_PRI_MAP_REG0
Address 0x0630
SFT&HW RST
Table 3-117 summarizes the TOS_PRI_MAP_REG0 Register 0
Table 3-117.
TOS Priority Mapping Register Register 0
Bit
R/W
Inital
Value
Mnemonic
Description
31:13
R/O
0
RESERVED
12
R/W
0
GOL_SA_LEARN_LIMIT_EN
1'b1: SA Learn Limit enable.
11
R/W
0
GOL_SA_LEARN_LIMIT_DROP_
EN
1'b1: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to GOL_SA_LEARN_CNT
1'b0: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to GOL_SA_LEARN_CNT
10:0
R/W
0
GOL_SA_LEARN_CNT
The MAC address can be learned and
written to the ARL table — only
dynamic entry is counted
0: indicates no MAC limit number is 1
1: indicates the MAC limit number is 2
2: indicates the MAC limit number is 3
... and so on ... until:
2047: indicates the MAC limit is 2048
Bit
R/W
Inital
Value
Mnemonic
Description
31:28
R/W
0
TOS_MAP_0X1C
See bit 3:0
27:24
R/W
0
TOS_MAP_0X18
See bit 3:0
23:20
R/W
0
TOS_MAP_0X14
See bit 3:0
19:16
R/W
0
TOS_MAP_0X10
See bit 3:0
15:12
R/W
0
TOS_MAP_0X0C
See bit 3:0
11:8
R/W
0
TOS_MAP_0X08
See bit 3:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com