Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ASX340 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
‡Products and specifications discussed herein are for evaluation and reference purposes only and are subject to change by Aptina without
notice. Products are only warranted by Aptina to meet Aptina’s production data sheet specifications.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Features
Aptina Confidential and Proprietary
Preliminary‡
PDF: 171981479/Source: 8304342517Source:8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
1
© 2010 Aptina Imaging Corporation All rights reserved.
1/4-Inch Color NTSC/PAL Digital Image SOC with
Overlay Processor
ASX340/MT9V139 Data Sheet
For the latest data sheet, refer to Aptina’s Web site: www.aptina.com
Features
• Low-power image sensor with integrated image flow
processor (IFP) and video encoder
• 1/4-inch optical format, VGA resolution (640H x
480V)
• 2x upscaling zoom and pan control
• ±40 additional columns and ±36 additional rows to
compensate for lens alignment tolerances
• Option to use single 2.8V power supply with off-chip
bypass transistor
• Overlay generator for dynamic bitmap overlay
• Integrated video encoder for NTSC/PAL with overlay
capability and 10-bit I-DAC
• Integrated microcontroller for flexibility
• On-chip image flow processor performs
sophisticated processing, such as color recovery and
correction, sharpening, gamma, lens shading
correction, on-the-fly defect correction, auto white
balancing, and auto exposure
• Auto black level calibration
• 10-bit, on-chip analog-to-digital converter (ADC)
• Internal master clock generated by on-chip phase-
locked loop (PLL)
• Two-wire serial programming interface
• Interface to low-cost EEPROM and Flash through SPI
bus
• High-level host command interface
• Stand-alone operation support
• Comprehensive tool support for overlay generation
and lens correction setup
• Development system with DevWare
Applications
• Analog surveillance CCTV
• Surveillance network IP camera
See “Ordering Information” on page 3.
See details of new features on page 3.
Key parameters are continued on next page.
Table 1:
Key Parameters
Parameter
Typical Value
Pixel size
and type
5.6μm x 5.6μm active pinned-photodiode
with high-sensitivity mode for low-light
conditions
Sensor format
728H x 560V (includes ±36 rows and ±40
columns for lens alignment)
NTSC output
720H x 480V
PAL output
720H x 576V
Imaging area
Total array size: 3.584mm x 2.688mm
Optical format
¼-inch
Frame rate
50/60 fields/sec
Sensor scan mode
Progressive scan
Color filter array
RGB standard Bayer
Shutter type
Electronic rolling shutter (ERS)
Automatic Functions Exposure, white balance, black level
offset correction, flicker detection and
avoidance, color saturation control, on-
the-fly defect correction, aperture
correction
Programmable
Controls
Exposure, white balance, horizontal and
vertical blanking, color, sharpness,
gamma correction, lens shading
correction, horizontal and vertical image
flip, zoom, windowing, sampling rates,
GPIO control


Similar Part No. - ASX340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
ASX340AT ONSEMI-ASX340AT Datasheet
1Mb / 54P
1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
October, 2016 ??Rev. 10
ASX340AT2C00XPED0-DPBR ONSEMI-ASX340AT2C00XPED0-DPBR Datasheet
2Mb / 75P
Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
ASX340AT2C00XPED0-DPBR1 ONSEMI-ASX340AT2C00XPED0-DPBR1 Datasheet
1Mb / 54P
1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
October, 2016 ??Rev. 10
ASX340AT2C00XPED0-DRBR ONSEMI-ASX340AT2C00XPED0-DRBR Datasheet
2Mb / 75P
Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
More results

Similar Description - ASX340

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7366 PIXART-PAC7366 Datasheet
608Kb / 23P
NTSC/PAL DIGITAL IMAGE SOC
logo
ON Semiconductor
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
MT9V136 ONSEMI-MT9V136 Datasheet
2Mb / 82P
Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. J Pub. 6/15 EN
MT9V137 ONSEMI-MT9V137 Datasheet
2Mb / 79P
Inch Color CMOS NTSC/PAL Digital Image SOC Overlay Processor
Rev. E Pub. 4/15 EN
MT9V138 ONSEMI-MT9V138 Datasheet
2Mb / 77P
Inch Color CMOS NTSC/PAL Digital Image SOC with Overlay Processor
Rev. D Pub. 5/15 E
ASX340AT ONSEMI-ASX340AT_16 Datasheet
1Mb / 54P
1/4?릋nch Color CMOS NTSC/PAL Digital Image SOC
October, 2016 ??Rev. 10
ASX340CS ONSEMI-ASX340CS Datasheet
2Mb / 74P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOc
Rev. F Pub. 6/15 EN
MT9V127 ONSEMI-MT9V127 Datasheet
2Mb / 82P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. G Pub. 5/15 EN
MT9V128 ONSEMI-MT9V128 Datasheet
2Mb / 88P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC
Rev. F Pub. 5/15 EN
MT9V126 ONSEMI-MT9V126 Datasheet
2Mb / 89P
1/4-Inch Color CMOS NTSC/PAL Digital Image SOC with Distortion Correction and Overlay Processor
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com