Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 63Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 64Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 65Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 66Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 67Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 68Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 69Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 70Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
67
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Aptina Confidential and Proprietary
Preliminary
Table 42:
Video DAC Electrical Characteristics–Single-Ended Mode
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V
Parameter
Condition
Min
Typ
Max
Unit
Resolution
–
10
-
bits
DNL
–
0.2
0.4
bits
INL
–
0.7
3.5
bits
Output local load
Output pad (DAC_POS)
–
75
-
Ω
Unused output (DAC_NEG)
–
0
-
Ω
Output voltage
Single-ended mode, code 000h
–
.02
-
V
Single-ended mode, code 3FFh
–
1.30
-
V
Output current
Single-ended mode, code 000h
–
0.26
-
mA
Single-ended mode, code 3FFh
–
17.33
-
mA
Supply current
Estimate
–
-
25.0
mA
DAC_REF
DAC Reference
–
1.15 +/-0.2
-
V
R DAC_REF
DAC Reference
–
4.7
-
KΩ
Table 43:
Video DAC Electrical Characteristics–Differential Mode
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V
Parameter
Condition
Min
Typ
Max
Unit
DNL
–
0.2
0.25
Bits
INL
–
0.8
2.5
Bits
Output local load
Differential mode per pad
(DAC_POS and DAC_NEG)
–
37.5
–
Ω
Output voltage
Differential mode, code 000h, pad dacp
–
.02
–
V
Differential mode, code 000h, pad dacn
–
1.30
–
V
Differential mode, code 3FFh, pad dacp
–
1.30
–
V
Differential mode, code 3FFH, pad dacn
–
.02
–
V
Output current
Differential mode, code 000h, pad dacp
–
.53
–
mA
Differential mode, code 000h, pad dacn
–
34.7
–
mA
Differential mode, code 3FFh, pad dacp
–
34.7
–
mA
Differential mode, code 3FFH, pad dacn
–
.53
–
mA
Differential output,
midlevel
–0.65
–
V
Supply current
Estimate
–
–
50
mA
DAC_REF
DAC Reference
–
1.15 +/-0.2
V
R DAC_REF
DAC Reference
2.35
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com