Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 65Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 66Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 67Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 68Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 69Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 70Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 71Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 72Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
69
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Aptina Confidential and Proprietary
Preliminary
Power Consumption, Operating Mode
Analog output uses single-ended mode: DAC_Pos = 75Ω, DAC_Neg = open, parallel
output is disabled.
Analog output is disabled; parallel output is enabled.
Table 45:
Power Consumption – Condition 1
fEXTCLK = 27 MHz; VDD = 1.8V; VDD _IO = 2.8V; VAA =2.8V;VAA_PIX=2.8V;
VDD _PLL = 2.8V; VDD _DAC = 2.8V
Power Plane
Supply
Condition 1
Typ Power
Max Power
Unit
VDD
1.8
55
65
mW
VDD_IO
2.8
Parallel off
5
10
mW
VAA
2.8
95
112
mW
VAA_PIX
2.8
2.5
5
mW
VDD_DAC
2.8
Single 75Ω
65
70
mW
VDD_PLL
2.8
20
25
mW
Total
242.5
287
mW
Table 46:
Power Consumption – Condition 2
fEXTCLK = 27 MHz; VDD = 1.8V; VDD _IO = 2.8V; VAA =2.8V;VAA_PIX=2.8V;
VDD _PLL = 2.8V; VDD _DAC = 2.8V
Power Plane
Supply
Condition 2
Typ Power
Max Power
Unit
VDD
1.8
55
65
mW
VDD_IO
2.8
Parallel on
30
50
mW
VAA
2.8
95
112
mW
VAA_PIX
2.8
2.5
5
mW
VDD_DAC
2.8
VDAC off
2
5
mW
VDD_PLL
2.8
20
25
mW
Total
204.5
262
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com