Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 17Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
16
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
SOC Description
Aptina Confidential and Proprietary
Preliminary
SOC Description
Detailed Architecture Overview
Sensor Core
The sensor consists of a pixel array, an analog readout chain, a 10-bit ADC with programmable
gain and black offset, and timing and control as illustrated in Figure 4.
Figure 4:
Sensor Core Block Diagram
Pixel Array Structure
The sensor core pixel array is configured as 792 columns by 560 rows, as shown in
Figure 5.
Figure 5:
Pixel Array Description
Black rows used internally for automatic black level adjustment are not addressed by
default, but can be read out in raw output mode via a register setting.
There are 792 columns by 560 rows of optically-active pixels that include a pixel
boundary around the VGA (640 x 480) image to avoid boundary effects during color
interpolation and correction.
Communication
Bus
to IFP
10-Bit Data
to IFP
Sync
Signals
Clock
Control Register
Analog Processing
Active Pixel
Sensor (APS)
Array
Timing and Control
ADC
demosaic rows
demosaic rows
Active pixel array
640 x 480
(not to scale)
Pixel logical address = (791, 559)
Pixel logical address = (0, 0)
lens alignment rows
lens alignment rows
(64, 0)
(104, 36)
(751, 523)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com