Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 38Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 40Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 41Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 42Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 43Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
40
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Slave Two-Wire Serial Interface
Aptina Confidential and Proprietary
Preliminary
Slave Two-Wire Serial Interface
The two-wire serial interface bus enables read/write access to control and status regis-
ters within the ASX340/MT9V139. This interface is designed to be compatible with the
MIPI Alliance Standard for Camera Serial Interface 2 (CSI-2) 1.0, which uses the elec-
trical characteristics and transfer protocols of the two-wire serial interface specification.
The interface protocol uses a master/slave model in which a master controls one or
more slave devices. The sensor acts as a slave device. The master generates a clock
(SCLK) that is an input to the sensor and used to synchronize transfers.
Data is transferred between the master and the slave on a bidirectional signal (SDATA).
SDATA is pulled up to VDD_IO off-chip by a pull-up resistor in the range of 1.5 to 4.7kΩ
resistor.
Protocol
Data transfers on the two-wire serial interface bus are performed by a sequence of low-
level protocol elements, as follows:
• a start or restart condition
• a slave address/data direction byte
• a 16-bit register address
• an acknowledge or a no-acknowledge bit
•data bytes
• a stop condition
The bus is idle when both SCLK and SDATA are HIGH. Control of the bus is initiated with
a start condition, and the bus is released with a stop condition. Only the master can gen-
erate the start and stop conditions.
The SADDR pin is used to select between two different addresses in case of conflict with
another device. If SADDR is LOW, the slave address is 0x90; if SADDR is HIGH, the slave
address is 0xBA. See Table 25 below.
Start Condition
A start condition is defined as a HIGH-to-LOW transition on SDATA while SCLK is HIGH.
At the end of a transfer, the master can generate a start condition without previously
generating a stop condition; this is known as a “repeated start” or “restart” condition.
Data Transfer
Data is transferred serially, 8 bits at a time, with the MSB transmitted first. Each byte of
data is followed by an acknowledge bit or a no-acknowledge bit. This data transfer
mechanism is used for the slave address/data direction byte and for message bytes.
One data bit is transferred during each SCLK clock period. SDATA can change when SCLK
is low and must be stable while SCLK is HIGH.
Table 25:
Two-Wire Interface ID Address Switching
SADDR
Two-Wire Interface Address ID
00x90
10xBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com