Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 31Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
32
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
External Signal Processing
Aptina Confidential and Proprietary
Preliminary
Power Sequence
In power-up, the core voltage (1.8V) must trail the IO (2.8V) by a positive number. All
2.8V rails can be turned on at the same time or follow the power-up sequence in Figure
45: “Power Up Sequence,” on page 62.
In power down, the sequence is reversed. The core voltage (1.8V) must be turned off
before any 2.8V. Refer to Figure 46: “Power Down Sequence,” on page 63 for details.
Figure 19:
Power-Up Sequence – Configuration Options Flow Chart
DOUT_LSB 0
Power Up/ RESET
Auto Configuration:
FRAME_VALID
LINE_VALID
SPI _SDI = 0?
Wait for Host
Command
Wait for Host
Command
Parse
EEPROM/Flash
Content
Wait for Host
Command
yes
no
Disable Auto-Config
Host Config
DOUT_LSB 1
EEPROM/Flash
Header?
EEPROM/Flash
Exists?
no
Change Config
(default)
:(optional)
Auto-Config
Change-Config
Auto-Config
Change-Config
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com