Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 51Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 52Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 53Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 54Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 55Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 56Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 57Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 58Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
55
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Aptina Confidential and Proprietary
Preliminary
Reset and Clocks
Reset
Power-up reset is asserted or de-asserted with the RESET_BAR pin, which is active LOW.
In the reset state, all control registers are set to default values. See “Device Configura-
tion” on page 31 for more details on Auto, Host, and Flash configurations.
Soft reset is asserted or de-asserted by the two-wire serial interface program. In soft-
reset mode, the two-wire serial interface and the register bus are still running. All control
registers are reset using default values.
Clocks
The ASX340/MT9V139 has two primary clocks:
• A master clock coming from the EXTCLK signal.
• In default mode, a pixel clock (PIXCLK) running at 2 * EXTCLK. In raw Bayer bypass
mode, PIXCLK runs at the same frequency as EXTCLK.
When the ASX340/MT9V139 operates in sensor stand-alone mode, the image flow pipe-
line clocks can be shut off to conserve power.
The sensor core is a master in the system. The sensor core frame rate defines the overall
image flow pipeline frame rate. Horizontal blanking and vertical blanking are influenced
by the sensor configuration, and are also a function of certain image flow pipeline func-
tions. The relationship of the primary clocks is depicted in Figure 38.
The image flow pipeline typically generates up to 16 bits per pixel—for example, YCbCr
or 565RGB—but has only an 8-bit port through which to communicate this pixel data.
To generate NTSC or PAL format images, the sensor core requires a 27 MHz clock.
Figure 38:
Primary Clock Relationships
10 bits/pixel
1 pixel/clock
16 bits/pixel
1 pixel/clock
16 bits/pixel (TYP)
0.5 pixel/clock
Colorpipe
Output Interface
Sensor
Pixel Clock
Sensor
Master Clock
EXTCLK
Sensor Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com