Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 38Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 40Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 41Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
38
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
External Signal Processing
Aptina Confidential and Proprietary
Preliminary
Table 19:
GPIO Host Commands
GPIO Host Command
Value
Type
Description
Set GPIO Property
0x8400
Synchronous
Set a property of one or more GPIO pins
Get GPIO Property
0x8401
Synchronous
Retrieve a property of a GPIO pin
Set GPO State
0x8402
Synchronous
Set the state of a GPO pin or pins
Get GPIO State
0x8403
Synchronous
Get the state of a GPI pin or pins
Set GPI Association
0x8404
Synchronous
Associate a GPI pin state with a Command Sequence stored in SPI Flash
Get GPI Association
0x8405
Synchronous
Retrieve an GPIO pin association
Table 20:
Flash Manager Host Commands
Flash Manager
Host Command
Value
Type
Description
Get Lock
0x8500
Asynchronous Request the Flash Manager access lock
Lock Status
0x8501
Synchronous
Retrieve the status of the access lock request
Release Lock
0x8502
Synchronous
Release the Flash Manager access lock
Config
0x8503
Synchronous
Configure the Flash Manager and underlying SPI Flash subsystem
Read
0x8504
Asynchronous Read data from the SPI Flash
Write
0x8505
Asynchronous Write data to the SPI Flash
Erase Block
0x8506
Asynchronous Erase a block of data from the SPI Flash
Erase Device
0x8507
Asynchronous Erase the SPI Flash device
Query Device
0x8508
Asynchronous Query device-specific information
Status
0x8509
Synchronous
Obtain status of current asynchronous operation
Config Device
0x850A
Synchronous
Configure the attached SPI NVM device
Table 21:
Sequencer Host Commands
Sequencer Host
Command
Value
Type
Description
Refresh
0x8606
Synchronous
Refresh the automatic image processing algorithm configuration
Refresh Status
0x8607
Synchronous
Retrieve the status of the last Refresh operation
Table 22:
Patch Loader Host Commands
Patch Loader Host
Command
Value
Type
Description
Load Patch
0x8700
Asynchronous
Load a patch from SPI Flash and automatically apply
Status
0x8701
Synchronous
Get status of an active Load Patch or Apply Patch request
Apply Patch
0x8702
Asynchronous
Apply a patch (already located in Patch RAM)
Reserve RAM
0x8706
Synchronous
Reserve RAM to contain a patch
Table 23:
Miscellaneous Host Commands
Miscellaneous Host Command
Value
Type
Description
Invoke Command Seq
0x8900
Synchronous
Invoke a sequence of commands stored in NVM
Config Command Seq Processor
0x8901
Synchronous
Configures the Command Sequencer processor
Wait For Event
0x8902
Synchronous
Wait for a system event to be signalled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com