Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 56Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 57Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 58Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 59Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 60Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 61Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 62Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 63Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
60
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Aptina Confidential and Proprietary
Preliminary
Slew Rate
Figure 43:
Slew Rate Timing
Table 33:
Slew Rate for PIXCLK and DOUT
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VΑΑ_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V; T = 25°C; CLOAD = 40 pF
PIXCLK
DOUT[7:0]
Unit
R0x30 [10:8]
Typical
Rise Time
Typical
Fall Time
R0x30 [2:0]
Typical
Rise Time
Typical
Fall Time
000
6.5
6.3
000
6.5
6.3
ns
001
4.8
4.6
001
4.8
4.6
ns
010
3.9
3.8
010
3.9
3.8
ns
011
3.7
3.7
011
3.7
3.7
ns
100
3.6
3.6
100
3.6
3.6
ns
101
3.5
3.5
101
3.5
3.5
ns
110
3.4
3.4
110
3.4
3.4
ns
111
3.3
3.3
111
3.3
3.3
ns
90%
10%
tris e
tfall
PIXCLK
D OUT
tris e
tfall
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com