Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 60Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 61Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 62Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 63Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 64Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 65Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 66Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 67Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
64
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Aptina Confidential and Proprietary
Preliminary
Figure 48:
Reset to SPI Access Delay
Figure 49:
Reset to Serial Access Delay
Figure 50:
Reset to AE/AWB Image
Table 38:
RESET_BAR Delay Parameters
Parameter
Name
Condition
Min
Typ
Max
Unit
Power up delay 2.8V to 1.8V
0.1
–
–
ms
RESET_BAR HIGH to SPI_CS_N LOW
tRSTH_CSL
18
–
–
ms
RESET_BAR HIGH to SDATA LOW
tRSTH_SDATAL
1.8
–
–
ms
RESET_BAR HIGH to FRAME_VALID
tRSTH_FVL
235
–
–
ms
RESET_BAR HIGH to first Overlay
tRSTH_OVL
235
–
–
ms
RESET_BAR HIGH to AE/AWB settled
tRSTH_AEAWB
–
400
–
ms
R ESET_BAR
tRSTH_CSL
SPI_CS_N
RESET_BAR
SDATA
tRSTH_SDATAL
First Frame
Overlay from
Flash
RESET_BAR
VIDEO
tRSTH_FVL
tRSTH_OVL
tRSTH_AEAWB
AE/AWB settled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com