Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 64Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 65Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 66Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 67Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 68Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 69Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 70Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 71Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
68
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Aptina Confidential and Proprietary
Preliminary
Notes:
1. All inputs are protected and may be active when All supplies (2.8V and 1.8V) are turned off.
Table 44:
Digital I/O Parameters
TA = Ambient = 25°C; All supplies at 2.8V
Signal
Parameter
Definitions
Condition
Min
Typ
Max
Unit
All
Outputs
Load capacitance
5
–
30
pF
Output signal slew
2.8V, 30pF load
–
–
–
V/ns
2.8V, 5pF load
–
–
–
V/ns
VOH
Output high voltage
–
VDD_IO
–
V
VOL
Output low voltage
–0.3
–
–
V
IOH
Output high current
VDD = 2.8V, VOH
= 2.4V
––
8
mA
IOL
Output low current
VDD = 2.8V, VOL =
0.4V
––
8
mA
All Inputs
VIH
Input high voltage
VDD = 2.8V
0.7 * VDD_IO
–
VDD_IO + 0.3
V
VIL
Input low voltage
VDD = 2.8V
–0.3
–
0.3 * VDD_IO
V
IIN
Input leakage current
–2
–
2
μA
Signal CAP
Input signal
capacitance
–3.5
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com