Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 41Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 42Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 43Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 44Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 45Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 46Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 47Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 48Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
45
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Overlay Capability
Aptina Confidential and Proprietary
Preliminary
Overlay Capability
Figure 27 highlights the graphical overlay data flow of theASX340/MT9V139. The images
are separated to fit into 2KB blocks of memory after compression.
• Up to four overlays may be blended simultaneously
• Overlay size 360 x 480 pixels rendered into a display area of 720 x 480 pixels (NTSC) or
720 x 576 (PAL)
• Selectable readout: rotating order is user programmable
• Dynamic movement through predefined overlay images
• Palette of 32 colors out of 64,000 with eight colors per bitmap
• Blend factors may be changed dynamically to achieve smooth transitions
The host commands allow a bitmap to be written piecemeal to a memory buffer through
the I2C, and also through DMA direct from SPI Flash memory. Multiple encoding passes
may be required to fit an image into a 2KB block of memory; alternatively, the image can
be divided into two or more blocks to make the image fit. Every graphic image may be
positioned in an x/y direction and overlap with other graphic images.
The host may load an image at any time. Under control of DMA assist, data are trans-
ferred to the off-screen buffer in compressed form. This assures that no display data are
corrupted during the replenishment of the four active overlay buffers.
Figure 27:
Overlay Data Flow
Note:
These images are not actually rendered, but show conceptual objects and object blending.
Off-screen
buffer
Overlay buffers: 2KB each
Decompress
Blend and Overlay
Flash
Bitmaps - compressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com