Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 42Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 43Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 44Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 45Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 46Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 47Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 48Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 49Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
46
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Serial Memory Partition
Aptina Confidential and Proprietary
Preliminary
Serial Memory Partition
The contents of the Flash/EEPROM memory partition logically into three blocks (see
Figure 28):
• Memory for overlay data and descriptors
• Memory for register settings, which may be loaded at boot-up
• Firmware extensions or software patches; in addition to the on-chip firmware, exten-
sions reside in this block of memory
These blocks are not necessarily contiguous.
Figure 28:
Memory Partitioning
External Memory Speed Requirement
For a 2KB block of overlay to be transferred within a frame time to achieve maximum
update rate, the serial memory has to be a certain speed.
Table 26:
Transfer Time Estimate
Frame Time
SPI Clock
Transfer Time to 2KB
33.3ms
4.5 MHz
1ms
S/W Patch
Alternate Reg.
Setting
Overlay Data
Flash
Partitioning
Fixed Size
Overlays-RLE
12Byte Header
RLE Encoded
Data
2kByte
Fixed Size
Overlays-RLE
Lens Correction
Parameter
Fixed-size
Overlays – RLE
Fixed-size
Overlays – RLE
Flash
Partitioning
Overlay
Data
Software Patch
12-byte Header
RLE Encoded
Data
2KB
Lens Shading
Correction
Parameter
Alternate
Register Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com