Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 26Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
24
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Sensor Pixel Array
Aptina Confidential and Proprietary
Preliminary
Gamma Correction
The ASX340/MT9V139 includes a block for gamma correction that can adjust its shape
based on brightness to enhance the performance under certain lighting conditions. Two
custom gamma correction tables may be uploaded corresponding to a brighter lighting
condition and a darker lighting condition. At power-up, the IFP loads the two tables with
default values. The final gamma correction table used depends on the brightness of the
scene and takes the form of an interpolated version of the two tables.
The gamma correction curve (as shown in Figure 11) is implemented as a piecewise
linear function with 19 knee points, taking 12-bit arguments and mapping them to 8-bit
output. The abscissas of the knee points are fixed at 0, 64, 128, 256, 512, 768, 1024, 1280,
1536, 1792, 2048, 2304, 2560, 2816, 3072, 3328, 3584, 3840, and 4096. The 8-bit ordinates
are programmable through registers.
Figure 11:
Gamma Correction Curve
RGB to YUV Conversion
For further processing, the data is converted from RGB color space to YUV color space.
Color Kill
To remove high-or low-light color artifacts, a color kill circuit is included. It affects only
pixels whose luminance exceeds a certain preprogrammed threshold. The U and V
values of those pixels are attenuated proportionally to the difference between their lumi-
nance and the threshold.
YUV Color Filter
As an optional processing step, noise suppression by one-dimensional low-pass filtering
of Y and/or UV signals is possible. A 3- or 5-tap filter can be selected for each signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com