Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ASX340 Datasheet HTML 1Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 2Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
2
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Applications
Aptina Confidential and Proprietary
Preliminary
Table 2:
Key Parameters (continued)
Parameter
Typical Value
Overlay Support
Utilizes SPI interface to load overlay data from external flash/EEPROM memory with the
following features:
•Available in Analog output and BT656 Digital output
•Overlay Size 360 x 480 pixel rendered into 720 x 480 (NTSC) or 720 x 576 (PAL)
•Up to four (4) overlays may be blended simultaneously
•Selectable readout: Rotating order user selected
•Dynamic scenes by loading pre-rendered frames from external memory
•Palette of 32 colors out of 64,000
•8 colors per bitmap
•Blend factor dynamically programmable for smooth transitions
•Fast Update rate of up to 30 fps
•Every bitmap object has independent x/y position
•Statistic Engine to calibrate optical alignment
•Number Generator
Windowing
Programmable to any size
Analog gain range
0.5–80x
ADC
10-bit, on-chip
Output interface
Analog composite video out, single-ended or differential; 8-, 10-bit parallel digital output
Output data formats1
Digital: Raw Bayer 8-,10-bit, CCIR656, 565RGB, 555RGB, 444RGB
Data rate
Parallel: 27 MB/s
NTSC: 60 fields/sec
PAL: 50 fields/sec
Control interface
Two-wire I/F for register interface plus high-level command exchange. SPI port to interface
to external memory to load overlay data, register settings, or firmware extensions.
Input clock for PLL
27 MHz
SPI Clock Frequencies
1.6875 – 18 MHz, programmable
Supply voltage
Analog: 2.8V ±5%
Core: 1.8V ±5%
IO: 2.8V ±5%
Power
consumption
Analog output only
Full resolution at 60 fps: 236 mW
Digital output only
Full resolution at 60 fps: 234 mW
Package
63-cBGA, 7 mm x 7 mm 0.65mm pin pitch
63- CSP, 6.198 x 6.178 mm, 0.65mm pin pitch
Ambient temperature
Operating: -30°C to 70°C
Storage: –50°C to +150°C
Dark Current
< 200e/s at 60°C with a gain of 1
Fixed pattern
noise
Column
< 2%
Row
< 2%
Responsivity
16.5 V/lux-s at 550nm
Signal to noise ratio (S/N)
46 dB
Pixel dynamic range
74.8 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com