Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 55Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 56Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 57Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 58Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 59Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 60Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 61Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 62Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
59
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Aptina Confidential and Proprietary
Preliminary
I/O Timing
Digital Output
By default, the ASX340/MT9V139 launches pixel data, FV, and LV synchronously with the
falling edge of PIXCLK. The expectation is that the user captures data, FV, and LV using
the rising edge of PIXCLK. The timing diagram is shown in Figure 42.
As an option, the polarity of the PIXCLK can be inverted from the default by program-
ming R0x0016[14].
Figure 42:
Digital Output I/O Timing
Note:
PIXCLK can be inverted from the default by programming R0x0016[14].
Table 32:
Parallel Digital Output I/O Timing
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V; Default slew rate
Signal
Parameter
Conditions
Min
Typ
Max
Unit
EXTCLK
fextclk
max ±100 ppm
6
27
54
MHz
textclk_period
18.52
37
166.67
ns
Duty cycle
45
50
55
%
PIXCLK1fpixclk
6
27
54
MHz
tpixclk_period
18.52
37.04
166.67
ns
Duty cycle
45
50
55
%
DATA[7:0]
tpixclkf_dout
0.97
–
2.42
ns
tdout_su
6.83
–
8.28
ns
tdout_ho
2.74
–
6.32
ns
FV/LV
tpixclkf_fvlv
1.15
–
2.53
ns
tfvlv_su
6.72
–
8.1
ns
tfvlv_ho
5.74
–
7.62
ns
EXT CLK
PIXC LK
D OUT [7:0]
F R AM E_VALID
LIN E _VALID
t
pixclkf_dout
t
pixclkf_fvlv
Input
O utput
O utput
O utput
t
fvlv_su
t
fvlv_ho
t
dout_ho
t
dout_su
t
extclk_period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com