Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 38Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 40Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 41Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 42Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 43Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 44Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
41
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Slave Two-Wire Serial Interface
Aptina Confidential and Proprietary
Preliminary
Slave Address/Data Direction Byte
Bits [7:1] of this byte represent the device slave address and bit [0] indicates the data
transfer direction. A “0” in bit [0] indicates a write, and a “1” indicates a read. The default
slave addresses used by the ASX340/MT9V139 are 0x90 (write address) and 0x91 (read
address). Alternate slave addresses of 0xBA (write address) and 0xBB (read address) can
be selected by asserting the SADDR input signal.
Message Byte
Message bytes are used for sending register addresses and register write data to the slave
device and for retrieving register read data. The protocol used is outside the scope of the
two-wire serial interface specification.
Acknowledge Bit
Each 8-bit data transfer is followed by an acknowledge bit or a no-acknowledge bit in the
SCLK clock period following the data transfer. The transmitter (which is the master when
writing, or the slave when reading) releases SDATA. The receiver indicates an acknowl-
edge bit by driving SDATA LOW. As for data transfers, SDATA can change when SCLK is
LOW and must be stable while SCLK is HIGH.
No-Acknowledge Bit
The no-acknowledge bit is generated when the receiver does not drive SDATA low during
the SCLK clock period following a data transfer. A no-acknowledge bit is used to termi-
nate a read sequence.
Stop Condition
A stop condition is defined as a LOW-to-HIGH transition on SDATA while SCLK is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com