Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 70Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 71Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 72Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 73Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 74Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 75Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 76Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 77Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 78Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 78 / 78 page
background image
10 Eunos Road 8 13-40, Singapore Post Center, Singapore 408600 prodmktg@aptina.com www.aptina.com
Aptina, Aptina Imaging, and the Aptina logo are the property of Aptina Imaging Corporation
All other trademarks are the property of their respective owners.
Preliminary: This data sheet contains initial characterization limits that are subject to change upon full characterization of production devices.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Revision History
PDF: 171981479/Source: 8304342517Source:8304342517
AAptina reserves the right to change products or specifications without notice.
-ASX340/MT9V139_DS Rev. B Pub. 3/11 EN
78
© 2010 Aptina Imaging Corporation All rights reserved.
Aptina Confidential and Proprietary
Preliminary
Revision History
Rev. C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3/14/11
• Changed Part number to ASX340
• Updated “Features” on page 1
• Updated Table 1, “Key Parameters,” on page 1
• Updated Table 3, “Available Part Numbers,” on page 3
• Updated “New Features” on page 3
• Updated Table 4, “Pin Descriptions,” on page 12
• Updated Table 5, “Pin Assignments,” on page 14
• Updated “Device Configuration” on page 31
• Updated Figure 19: “Power-Up Sequence – Configuration Options Flow Chart,” on
page 32
• Added Figure 56: “63-Ball cBGA Package Outline Drawing,” on page 76
Rev. B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10/11/10
• Remove note from Table 2, “Key Parameters (continued),” on page 2
• Updated Table 4, “Pin Descriptions,” on page 12
• Updated Table 35, “Power Up Sequence,” on page 62 and Table 36, “Power Down
Sequence,” on page 63
• Updated Table 45, “Power Consumption – Condition 1,” on page 69, Table 46, “Power
Consumption – Condition 2,” on page 69 on, and Table 47, “NTSC Signal Parameters,”
on page 70
• Changed 15–33 pF to 15-22 pF in“Crystal Usage” on page 11
• UpdatedTable 20, “Interface Structure,” on page 34
• UpdatedTable 38, “RESET_BAR Delay Parameters,” on page 64
• UpdatedTable 41, “Electrical Characteristics and Operating Conditions,” on page 66
Rev. A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10/6/10
•Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com