Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
13
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Pin Descriptions and Assignments
Aptina Confidential and Proprietary
Preliminary
Composite Video Output
F5
DAC_POS
Output
Positive video DAC output in differential mode.
Video DAC output in single-ended mode. This interface is enabled by default using
NTSC/PAL signalling. For applications where composite video output is not required,
the video DAC can be placed in a power-down state under software control.
G5
DAC_NEG
Output
Negative video DAC output in differential mode.
A4
DAC_REF
Output
External reference resistor for the video DAC.
Manufacturing Test Interface
D3
TDI
Input
JTAG Test pin (Reserved for Test Mode)
G2
TDO
Output
JTAG Test pin (Reserved for Test Mode)
F3
TMS
Input
JTAG Test pin (Reserved for Test Mode)
C3
TCK
Input
JTAG Test pin (Reserved for Test Mode)
C4
TRST_N
Input
Connect to GND.
G6
ATEST1
Input
Analog test input. Connect to GND in normal operation.
F6
ATEST2
Input
Analog test input. Connect to GND in normal operation.
GPIO
C1
GPIO12
Input/Output
Dedicated general-purpose input/output pin.
A3
GPIO13
Input/Output
Dedicated general-purpose input/output pin.
Power
G4
VREG_BASE
Supply
Voltage regulator control. Leave floating if not used.
A5, A7, D8,
E7, G1, G3
VDD
Supply
Supply for VDD core: 1.8V nominal. Can be connected to the output of the transistor of
the off-chip bypass transistor or a external 1.8V power supply.
B2, B8, C8,
E3, E8, G8,
H8
VDD_IO
Supply
Supply for digital IOs: 2.8V nominal.
H5
VDD_DAC
Supply
Supply for video DAC: 2.8V nominal.
A8
VDD_PLL
Supply
Supply for PLL: 2.8V nominal.
B4, H6
VAA
Supply
Analog power: 2.8V nominal.
H7
VAA_PIX
Supply
Analog pixel array power: 2.8V nominal. Must be at same voltage potential as VAA.
H4
Reserved
B5, C5, D1,
D5, H1
DGND
Supply
Digital ground.
E5, F4
AGND
Supply
Analog ground.
Table 4:
Pin Descriptions (continued)
Pin Number
Pin Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com