Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 31Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
34
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
External Signal Processing
Aptina Confidential and Proprietary
Preliminary
Host Command Interface
Aptina’s sensors and SOCs contain numerous registers that are accessed through a
two-wire interface with speeds up to 400 kHz.
The ASX340/MT9V139 in addition to writing or reading straight to/from registers or
firmware variables, has a mechanism to write higher level commands, the Host
Command Interface (HCI). Once a command has been written through the HCI, it will
be executed by on chip firmware and the results are reported back. In general, registers
shall not be accessed with the exception of registers that are marked for “User Access.”
EEPROM or Flash memory is also available to store commands for later execution.
Under DMA control, a command is written into the SOC and executed.
For a complete spec on host commands, refer to the ASX340/MT9V139 Host Command
Interface Specification.
Figure 20:
Interface Structure
Host Command to FW
Response from FW
15
0
bit
1
0
command register
Addr 0x40
Addr 0xFC00
Addr 0xFC0E
Addr 0xFC02
Addr 0xFC04
Addr 0xFC06
Addr 0xFC08
Addr 0xFC0A
Addr 0xFC0C
14
door bell
15
0
bit
Parameter 0
Parameter 7
cmd_handler_params_pool_0
cmd_handler_params_pool_1
cmd_handler_params_pool_2
cmd_handler_params_pool_3
cmd_handler_params_pool_4
cmd_handler_params_pool_5
cmd_handler_params_pool_6
cmd_handler_params_pool_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com