Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 18Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 19Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 20Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 21Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 22Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 23Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
22
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Sensor Pixel Array
Aptina Confidential and Proprietary
Preliminary
Black Level Subtraction and Digital Gain
Image stream processing starts with black level subtraction and multiplication of all
pixel values by a programmable digital gain. Both operations can be independently set
to separate values for each color channel (R, Gr., Gb, B). Independent color channel
digital gain can be adjusted with registers. Independent color channel black level adjust-
ments can also be made. If the black level subtraction produces a negative result for a
particular pixel, the value of this pixel is set to 0.
Positional Gain Adjustments (PGA)
Lenses tend to produce images whose brightness is significantly attenuated near the
edges. There are also other factors causing fixed pattern signal gradients in images
captured by image sensors. The cumulative result of all these factors is known as image
shading. The ASX340/MT9V139 has an embedded shading correction module that can
be programmed to counter the shading effects on each individual R, Gb, Gr., and B color
signal.
The Correction Function
The correction functions can then be applied to each pixel value to equalize the
response across the image as follows:
(EQ 1)
where P are the pixel values and f is the color dependent correction functions for each
color channel.
264-265
1
Blanking
266-282
2
Blanking
283-525
2
Active Video
Table 10:
PAL
Line Numbers
Field
Description
1-22
1
Blanking
23-310
1
Active video
311-312
1
Blanking
313-335
2
Blanking
336-623
2
Active video
624-625
2
Blanking
Table 9:
NTSC
Line Numbers
Field
Description
Pcorrected(row,col)=Psensor(row,col)*f(row,col)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com