Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 24Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 25Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 26Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 27Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 28Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 29Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 30Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 31Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
28
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Usage Modes
Aptina Confidential and Proprietary
Preliminary
Figure 14:
Usage Mode 3
In some applications, button or user interface keypad can trigger overlay images being
called by the μC as shown in Figure 15.
Figure 15:
Host Mode with Flash
Overlay information may also be passed by the µC without a need for an EEPROM or
Flash memory. However, because the data transfer rate is limited over the two-wire serial
bus, the update rate may be slower. However, if overlay images are preloaded into the
four on-chip buffers, they may be turned on and off or move location at the frame rate as
shown in Figure 16.
Figure 16:
Host Mode
Serial
EEPROM/Flash
External device
SPI
GPI[7:0]
ASX340/MT9V139
ASX340/MT9V139
SPI
8/16bit
μC
two-wire
Button or
user interface
keypad
Serial
EEPROM/Flash
8/16bit
μC
two-wire
Button or
user interface
keypad
ASX340/MT9V139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com