Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 32Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 33Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 34Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 35Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 36Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 37Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 38Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 39Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
36
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
External Signal Processing
Aptina Confidential and Proprietary
Preliminary
Command Flow
The host issues a command by writing (through a two-wire interface bus) to the
command register. All commands are encoded with bit 15 set, which automatically
generates the host command (doorbell) interrupt to the microprocessor.
Assuming initial conditions, the host first writes the command parameters (if any) to the
parameters pool (in the command handler's logical page), then writes the command to
command register. The SOC firmware interrupt handler then signals the Command
Handler task to process the command.
If the host wishes to determine the outcome of the command, it must poll the command
register waiting for the doorbell bit to be cleared. This indicates that the firmware
completed processing the command. When the doorbell bit is cleared, the contents of
the command register indicate the command's result status. If the command generated
response parameters, the host can now retrieve these from the parameters pool.
Note:
The host must not write to the parameters pool, nor issue another command, until
the previous command completes. This is true even if the host does not care about the
result of the previous command. Therefore, the host must always poll the command
register to determine the state of the doorbell bit, and ensure the bit is cleared before
issuing a command.
For a complete command list and further information consult the Host Command Inter-
face Specification.
An example of how (using DevWare) a command may be initiated in the form of a
“Preset” follows.
Issue the SYSMGR_SET_STATE Command
All DevWare presets supplied by Aptina poll and test the doorbell bit after issuing the
command. Therefore there is no need to check if the doorbell bit is clear before issuing
the next command.
# Set the desired next state in the parameters
pool(SYS_STATE_ENTER_CONFIG_CHANGE)
REG= 0xFC00, 0x2800 // CMD_HANDLER_PARAMS_POOL_0
# Issue the HC_SYSMGR_SET_STATE command
REG= 0x0040, 0x8100 // COMMAND_REGISTER
# Wait for the FW to complete the command (clear the Doorbell bit)
POLL_FIELD= COMMAND_REGISTER, DOORBELL, !=0, DELAY=10, TIMEOUT=100
# Check the command was successful
ERROR_IF= COMMAND_REGISTER, HOST_COMMAND, !=0, "Set State command
failed",



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com