Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
12
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Pin Descriptions and Assignments
Aptina Confidential and Proprietary
Preliminary
Pin Descriptions and Assignments
Table 4:
Pin Descriptions
Pin Number
Pin Name
Type
Description
Clock and Reset
A2
EXTCLK
Input
Master input clock (27MHz): This can either be a square-wave generated from an
oscillator (in which case the XTAL input must be left unconnected) or connected
directly to a crystal.
B1
XTAL
Output
If EXTCLK is connected to one pin of a crystal, this signal is connected to the other pin;
otherwise this signal must be left unconnected.
D2
RESET_BAR
Input
Asynchronous active-low reset: When asserted, the device will return all interfaces to
their reset state. When released, the device will initiate the boot sequence. This signal
has an internal pull-up resistor.
E1
FRAME_SYNC
Input
This input can be used to set the output timing of the ASX340/MT9V139 to a fixed
point in the frame.
The input buffer associated with this input is permanently enabled. This signal must
be connected to GND if not used.
Register Interface
F1
SCLK
Input
These two signals implement serial communications protocol for access to the internal
registers and variables.
F2
SDATA
Input/Output
E2
SADDR
Input
This signal controls the device ID that will respond to serial communication
commands.
Two-wire serial interface device ID selection:
0: 0x90
1: 0xBA
SPI Interface
D4
SPI_SCLK
Output
Clock output for interfacing to an external SPI memory such as Flash/EEPROM. Tristate
when RESET_BAR is asserted.
E4
SPI_SDI
Input
Data in from SPI device. This signal has an internal pull-up resistor.
H3
SPI_SDO
Output
Data out to SPI device. Tristate when RESET_BAR is asserted.
H2
SPI_CS_N
Output
Chip selects to SPI device. Tristate when RESET_BAR is asserted.
(Parallel) Pixel Data Output
F7
FRAME_VALID
Input/Output
Pixel data from the ASX340/MT9V139 can be routed out on this interface and
processed externally.
To save power, these signals are driven to a constant logic level unless the parallel pixel
data output or alternate (GPIO) function is enabled for these pins. For more
information see Table 16 on page 33.
This interface is disabled by default.
The slew rate of these outputs is programmable.
These signals can also be used as general purpose input/outputs.
G7
LINE_VALID
Input/Output
E6
PIXCLK
Output
F8, D6, D7,
C6, C7, B6,
B7, A6
DOUT[7:0]
Output
B3
DOUT_LSB1
Input/Output
When the sensor core is running in bypass mode, it will generate 10 bits of output data
per pixel. These two pins make the two LSB of pixel data available externally. Leave
DOUT_LSB1 unconnected if not used. To save power, these signals are driven to a
constant logic level unless the sensor core is running in bypass mode or the alternate
function is enabled for these pins. For more information see Table 16,
“GPIO Bit Descriptions,” on page 38. The slew rate of these outputs is programmable.
C2
DOUT_LSB0
Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com