Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 47Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 48Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 49Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 50Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 51Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 52Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 53Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 54Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
51
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Modes and Timing
Aptina Confidential and Proprietary
Preliminary
Modes and Timing
This section provides an overview of the typical usage modes and related timing infor-
mation for theASX340/MT9V139.
Composite Video Output
The external pin DOUT_LSB0 can be used to configure the device for default NTSC or PAL
operation (auto-config mode). This and other video configuration settings are available
as register settings accessible through the serial interface.
NTSC
Both differential and single-ended connections of the full NTSC format are supported.
The differential connection that uses two output lines is used for low noise or long
distance applications. The single-ended connection is used for PCB tracks and screened
cable where noise is not a concern. The NTSC format has three black lines at the bottom
of each image for padding (which most LCDs do not display).
PAL
The PAL format is supported with 576 active image rows.
Single-Ended and Differential Composite Output
The composite output can be operated in a single-ended or differential mode by simply
changing the external resistor configuration. For single-ended termination, see
Figure 33 on page 51. The differential schematic is shown in Figure 34 on page 52.
Figure 33:
Single-Ended Termination
VDD
75Ω
75Ω
Chip
Boundary
i = IPLUS
i = IMINUS
Single-Ended
Single-ended
e.g. PCB Track
e.g. 75Ω COAX
Single-ended
L = 1uH
L = 1uH
C = 330
C0
C 1
C = 330
L0
L1
L2
Typical Values for LC
75
Ω Terminated Receiver
L = 2.2
μH
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com