Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 66Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 67Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 68Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 69Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 70Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 71Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 72Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 73Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
70
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Aptina Confidential and Proprietary
Preliminary
NTSC Signal Parameters
Notes:
1. Black and white levels are referenced to the blanking level.
2. NTSC convention standardized by the IRE (1 IRE = 7.14mV).
3. Encoder contrast setting R0x011 = R0x001 = 0.
4. DAC ref = 2.8kΩ, load = 37.5Ω.
Table 47:
NTSC Signal Parameters
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V
Parameter
Conditions
Min
Typ
Max
Units
Notes
Line Frequency
15734.25
15734.27
15734.28
Hz
Field Frequency
59.94
59.94
59.94
Hz
Sync Rise Time
148
148
148
ns
Sync Fall Time
148
148
148
ns
Sync Width
4.744.744.74
μs
Sync Level
38
39.9
42
IRE
2, 4
Burst Level
38
39.7
42
IRE
2, 4
Sync to Setup
(with pedestal off)
9.44
9.44
9.44
μs
Sync to Burst Start
5.33
5.33
5.33
μs
Front Porch
1.331.331.33
μs
Black Level
6.5
7.5
8.5
IRE
1, 2, 4
White Level
90
100
110
IRE
1, 2, 3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com