Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX340 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # ASX340
Description  1/4-Inch Color NTSC/PAL Digital Image SOC with Overlay Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASX340 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button ASX340 Datasheet HTML 70Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 71Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 72Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 73Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 74Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 75Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 76Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 77Page - List of Unclassifed Manufacturers ASX340 Datasheet HTML 78Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 75 / 78 page
background image
PDF: 171981479/Source: 8304342517
Aptina reserves the right to change products or specifications without notice.
ASX340/MT9V139_DS Rev. C Pub. 3/11 EN
75
© 2010 Aptina Imaging Corporation All rights reserved.
ASX340/MT9V139: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Electrical Specifications
Aptina Confidential and Proprietary
Preliminary
Notes:
1. This table is based on I2C standard (v2.1 January 2000). Philips Semiconductor.
2. Two-wire control is I2C-compatible.
3. All values referred to VIHmin = 0.9 VDD and VILmax = 0.1VDD levels. Sensor EXCLK = 27 MHz.
4. A device must internally provide a hold time of at least 300 ns for the SDATA signal to bridge the unde-
fined region of the falling edge of SCLK.
5. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the
SCLK signal.
6. A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement
tSU;DAT 250 ns must then be met. This will automatically be the case if the device does not stretch the
LOW period of the SCLK signal. If such a device does stretch the LOW period of the SCLK signal, it must out-
put the next data bit to the SDATA line tr max + tSU;DAT = 1000 + 250 = 1250 ns (according to the Stan-
dard-mode I2C-bus specification) before the SCLK line is released.
7. Cb = total capacitance of one bus line in pF.
Bus free time between a STOP and START
condition
tBUF
4.7
-
1.3
-
μS
Capacitive load for each bus line
Cb
-
400
-
400
pF
Serial interface input pin capacitance
CIN_SI
-
3.3
-
3.3
pF
SDATA max load capacitance
CLOAD_SD
-
30
-
30
pF
SDATA pull-up resistor
RSD
1.5
4.7
1.5
4.7
KΩ
Table 51:
Two-Wire Serial Bus Characteristics
fEXTCLK = 27 MHz; VDD = 1.8V; VDD_IO = 2.8V; VAA = 2.8V; VAA_PIX = 2.8V;
VDD_PLL = 2.8V; VDD_DAC = 2.8V; TA = 25°C
Parameter
Symbol
Standard-Mode
Fast-Mode
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com