Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 29Page - Renesas Technology Corp RA4W1 Datasheet HTML 30Page - Renesas Technology Corp RA4W1 Datasheet HTML 31Page - Renesas Technology Corp RA4W1 Datasheet HTML 32Page - Renesas Technology Corp RA4W1 Datasheet HTML 33Page - Renesas Technology Corp RA4W1 Datasheet HTML 34Page - Renesas Technology Corp RA4W1 Datasheet HTML 35Page - Renesas Technology Corp RA4W1 Datasheet HTML 36Page - Renesas Technology Corp RA4W1 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 33 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.2.9
Operating and Standby Current
Table 2.11
Operating and standby current (1) (1 of 2)
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
Typ*10
Max
Unit
Test
conditions
Supply
current
*1
High-speed
mode
*2
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 48 MHz
ICC
8.4
-
mA
*7
ICLK = 32 MHz
5.9
-
ICLK = 16 MHz
3.5
-
ICLK = 8 MHz
2.3
-
All peripheral clock
disabled, CoreMark code
executing from flash
*5
ICLK = 48 MHz
17.9
-
ICLK = 32 MHz
12.4
-
ICLK = 16 MHz
7.0
-
ICLK = 8 MHz
4.3
-
All peripheral clock
enabled, while (1) code
executing from flash
*5
ICLK = 48 MHz
21.2
-
*9
ICLK = 32 MHz
16.0
-
*8
ICLK = 16 MHz
8.8
-
ICLK = 8 MHz
5.1
-
All peripheral clock
enabled, code executing
from SRAM
*5
ICLK = 48 MHz
-
56.0
*9
Sleep mode
All peripheral clock
disabled
*5
ICLK = 48 MHz
3.7
-
*7
ICLK = 32 MHz
2.7
-
ICLK = 16 MHz
2.0
-
ICLK = 8 MHz
1.5
-
All peripheral clock
enabled
*5
ICLK = 48 MHz
16.4
-
*9
ICLK = 32 MHz
12.7
-
*8
ICLK = 16 MHz
7.2
-
ICLK = 8 MHz
4.3
-
Increase during BGO operation
*6
2.5
-
-
Middle-speed
mode
*2
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash
*5
ICLK = 12 MHz
ICC
2.5
-
mA
*7
ICLK = 8 MHz
2.1
-
ICLK = 1 MHz
1.0
-
All peripheral clock
disabled, CoreMark code
executing from flash
*5
ICLK = 12 MHz
5.2
-
ICLK = 8 MHz
4.0
-
ICLK = 1 MHz
1.3
-
All peripheral clock
enabled, while (1) code
executing from flash
*5
ICLK = 12 MHz
6.5
-
*8
ICLK = 8 MHz
4.8
-
ICLK = 1 MHz
1.6
-
All peripheral clock
enabled, code executing
from SRAM
*5
ICLK = 12 MHz
-
23.0
Sleep mode
All peripheral clock
disabled
*5
ICLK = 12 MHz
1.4
-
*7
ICLK = 8 MHz
1.3
-
ICLK = 1 MHz
0.9
-
All peripheral clock
enabled
*5
ICLK = 12 MHz
5.3
-
*8
ICLK = 8 MHz
4.0
-
ICLK = 1 MHz
1.5
-
Increase during BGO operation
*6
2.5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com