Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 85Page - Renesas Technology Corp RA4W1 Datasheet HTML 86Page - Renesas Technology Corp RA4W1 Datasheet HTML 87Page - Renesas Technology Corp RA4W1 Datasheet HTML 88Page - Renesas Technology Corp RA4W1 Datasheet HTML 89Page - Renesas Technology Corp RA4W1 Datasheet HTML 90Page - Renesas Technology Corp RA4W1 Datasheet HTML 91Page - Renesas Technology Corp RA4W1 Datasheet HTML 92Page - Renesas Technology Corp RA4W1 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 89 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.11
CTSU Characteristics
Table 2.55
VBATT-I/O characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
VBATWIOn I/O
output
characteristics
(n = 0)
VCC > VDETBATT
VCC = 2.7 to 3.6 V
VOH
VCC - 0.5
-
-
IOH = -100 µA
VOL
--
0.5
IOL = 100 µA
VCC = VDETBATT to 2.7 V VOH
VCC - 0.3
-
-
IOH = -50 µA
VOL
--
0.3
IOL = 50 µA
VCC < VDETBATT
VBATT = 2.7 to 3.6 V
VOH
VBATT - 0.5 -
-
IOH = -100 µA
VOL
--
0.5
IOL = 100 µA
VBATT = 1.8 to 2.7 V
VOH
VBATT - 0.3 -
-
IOH = -50 µA
VOL
--
0.3
IOL = 50 µA
Table 2.56
CTSU characteristics
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
External capacitance connected to TSCAP pin
Ctscap
910
11
nF
-
TS pin capacitive load
Cbase
--50
pF
-
Permissible output high current
ΣIoH
-
-
-24
mA
When the mutual
capacitance method
is applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com