Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 93Page - Renesas Technology Corp RA4W1 Datasheet HTML 94Page - Renesas Technology Corp RA4W1 Datasheet HTML 95Page - Renesas Technology Corp RA4W1 Datasheet HTML 96Page - Renesas Technology Corp RA4W1 Datasheet HTML 97Page - Renesas Technology Corp RA4W1 Datasheet HTML 98Page - Renesas Technology Corp RA4W1 Datasheet HTML 99Page - Renesas Technology Corp RA4W1 Datasheet HTML 100Page - Renesas Technology Corp RA4W1 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 97 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Figure 2.78
SWD input/output timing
2.17
BLE Characteristics
2.17.1
Transmission Characteristics
Note:
The characteristics are based on pins and functions other than those for the BLE interface not being in use.
Note 1.
This does not take frequency errors due to manufacturing irregularities, drift with temperature, or deterioration of the crystal
over time into account.
Table 2.72
Transmission Characteristics
Conditions: VCC = VCC_RF = AVCC_RF = 3.3 V, VSS = VSS_RF = 0 V, Ta = +25°C
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Range of frequency
RFCF
2402
-
2480
MHz
Data rate
RFDATA_2M
-2
-
Mbps
RFDATA_1M
-1
-
Mbps
RFDATA_500k
-
500
-
kbps
RFDATA_125k
-
125
-
kbps
Maximum transmitted output
power
RFPOWER
-
0
2
dBm
0 dBm output mode
-
4
6
dBm
4 dBm output mode
Output frequency error
RFTXFERR
–
10
-
10
ppm
*1
SWDIO
(Output)
SWDIO
(Output)
SWDIO
(Output)
tSWDD
tSWDD
tSWDD
SWCLK
SWDIO
(Input)
tSWDS
tSWDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com