Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 17Page - Renesas Technology Corp RA4W1 Datasheet HTML 18Page - Renesas Technology Corp RA4W1 Datasheet HTML 19Page - Renesas Technology Corp RA4W1 Datasheet HTML 20Page - Renesas Technology Corp RA4W1 Datasheet HTML 21Page - Renesas Technology Corp RA4W1 Datasheet HTML 22Page - Renesas Technology Corp RA4W1 Datasheet HTML 23Page - Renesas Technology Corp RA4W1 Datasheet HTML 24Page - Renesas Technology Corp RA4W1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 21 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Note:
Bluetooth power supply voltage
VCC_RF *3 1.8 - 3.6 V
Note:
AVCC_RF *3 1.8 - 3.6 V
Note:
VCC_RF
- 0 - V
Note 1.
Use AVCC0 and VCC under the following conditions:
AVCC0 and VCC can be set individually within the operating range when VCC ≥ 2.2 V and AVCC0 ≥ 2.2 V
AVCC0 = VCC when VCC < 2.2 V or AVCC0 < 2.2 V
Note 2.
When powering on the VCC and AVCC0 pins, power them on at the same time or the VCC pin first and then the AVCC0 pin.
Note 3.
Use VCC = VCC_RF = AVCC_RF
Table 2.2
Recommended operating conditions
Parameter
Symbol
Value
Min
Typ
Max
Unit
Power supply voltages
VCC*1, *2
When USBFS is not
used
1.8
-
3.6
V
When USBFS is used
USB Regulator
Disable
VCC_USB
-
3.6
V
VSS
-0
-V
USB power supply voltages
VCC_USB
When USBFS is not
used
-VCC
-V
When USBFS is used
USB Regulator
Disable
(Input)
3.0
3.3
3.6
V
VCC_USB_LDO
When USBFS is not
used
-VCC
-V
When USBFS is used -
VCC
-
V
VSS_USB
-
0
-
V
VBATT power supply voltage
VBATT
When the battery
backup function is not
used
-VCC
-V
When the battery
backup function is
used
1.8
-
3.6
V
Analog power supply voltages
AVCC0*1, *2
1.8
-
3.6
V
AVSS0
-
0
-
V
VREFH0
When used as
ADC14 Reference
1.8
-
AVCC0
V
VREFL0
-
0
-
V
BLE power supply voltages
VCC_RF*3
1.8
-
3.6
V
AVCC_RF*3
1.8
-
3.6
VSS_RF
-
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com