Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 79Page - Renesas Technology Corp RA4W1 Datasheet HTML 80Page - Renesas Technology Corp RA4W1 Datasheet HTML 81Page - Renesas Technology Corp RA4W1 Datasheet HTML 82Page - Renesas Technology Corp RA4W1 Datasheet HTML 83Page - Renesas Technology Corp RA4W1 Datasheet HTML 84Page - Renesas Technology Corp RA4W1 Datasheet HTML 85Page - Renesas Technology Corp RA4W1 Datasheet HTML 86Page - Renesas Technology Corp RA4W1 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 83 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.9
POR and LVD Characteristics
Note 1.
These characteristics apply when noise is not superimposed on the power supply.
Note 2.
# in the symbol Vdet0_# denotes the value of the OFS1.VDSEL1[2:0] bits.
Note 3.
# in the symbol Vdet1_# denotes the value of the LVDLVLR.LVD1LVL[4:0] bits.
Table 2.52
Power-on reset circuit and voltage detection circuit characteristics (1)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Voltage detection
level*1
Power-on reset (POR)
VPOR
1.27
1.42
1.57
V
Figure 2.68,
Figure 2.69
Voltage detection circuit (LVD0)*2
Vdet0_1
2.68
2.85
2.96
V
Figure 2.70
At falling edge
VCC
Vdet0_2
2.38
2.53
2.64
Vdet0_3
1.78
1.90
2.02
Voltage detection circuit (LVD1)*3
Vdet1_4
2.98
3.10
3.22
V
Figure 2.71
At falling edge
VCC
Vdet1_5
2.89
3.00
3.11
Vdet1_6
2.79
2.90
3.01
Vdet1_7
2.68
2.79
2.90
Vdet1_8
2.58
2.68
2.78
Vdet1_9
2.48
2.58
2.68
Vdet1_A
2.38
2.48
2.58
Vdet1_B
2.10
2.20
2.30
Vdet1_C
1.84
1.96
2.05
Vdet1_D
1.74
1.86
1.95
Vdet1_E
1.63
1.75
1.84
Vdet1_F
1.60
1.65
1.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com