Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 39Page - Renesas Technology Corp RA4W1 Datasheet HTML 40Page - Renesas Technology Corp RA4W1 Datasheet HTML 41Page - Renesas Technology Corp RA4W1 Datasheet HTML 42Page - Renesas Technology Corp RA4W1 Datasheet HTML 43Page - Renesas Technology Corp RA4W1 Datasheet HTML 44Page - Renesas Technology Corp RA4W1 Datasheet HTML 45Page - Renesas Technology Corp RA4W1 Datasheet HTML 46Page - Renesas Technology Corp RA4W1 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 43 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
2.3
AC Characteristics
2.3.1
Frequency
Note 1.
The lower-limit frequency of FCLK is 1 MHz while programming or erasing the flash memory. When using FCLK for
programming or erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer
frequency such as 1.5 MHz cannot be set.
Note 2.
The frequency accuracy of FCLK must be ±3.5% while programming or erasing the flash memory. Confirm the frequency
accuracy of the clock source.
Note 3.
The lower-limit frequency of PCLKC is 4 MHz at 2.4 V or above and 1 MHz at below 2.4 V when the 14-bit A/D converter is in
use.
Note 4.
See section 9, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, and FCLK.
Note 5.
The maximum value of operation frequency does not include the internal oscillator errors. The operation can be guaranteed
with the errors of the internal oscillator. For details on the range for guaranteed operation, see Table 2.23, Clock timing.
Table 2.18
Operation frequency value in high-speed operating mode
Conditions: VCC = AVCC0 = 2.4 to 3.6 V
Parameter
Symbol
Min
Typ
Max*5
Unit
Operation
frequency
System clock (ICLK)*4
2.7 to 3.6 V
f
0.032768
-
48
MHz
2.4 to 2.7 V
0.032768
-
16
FlashIF clock (FCLK)*1, *2, *4
2.7 to 3.6 V
0.032768
-
32
2.4 to 2.7 V
0.032768
-
16
Peripheral module clock (PCLKA)*4
2.7 to 3.6 V
-
-
48
2.4 to 2.7 V
-
-
16
Peripheral module clock (PCLKB)*4
2.7 to 3.6 V
-
-
32
2.4 to 2.7 V
-
-
16
Peripheral module clock (PCLKC)*3, *4
2.7 to 3.6 V
-
-
64
2.4 to 2.7 V
-
-
16
Peripheral module clock (PCLKD)*4
2.7 to 3.6 V
-
-
64
2.4 to 2.7 V
-
-
16
Table 2.19
Operation frequency value in Middle-speed mode
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
Min
Typ
Max*5
Unit
Operation
frequency
System clock (ICLK)*4
2.7 to 3.6 V
f
0.032768
-
12
MHz
2.4 to 2.7 V
0.032768
-
12
1.8 to 2.4 V
0.032768
-
8
FlashIF clock (FCLK)*1, *2, *4
2.7 to 3.6 V
0.032768
-
12
2.4 to 2.7 V
0.032768
-
12
1.8 to 2.4 V
0.032768
-
8
Peripheral module clock (PCLKA)*4
2.7 to 3.6 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKB)*4
2.7 to 3.6 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKC)*3, *4
2.7 to 3.6 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8
Peripheral module clock (PCLKD)*4
2.7 to 3.6 V
-
-
12
2.4 to 2.7 V
-
-
12
1.8 to 2.4 V
-
-
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com