Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 7Page - Renesas Technology Corp RA4W1 Datasheet HTML 8Page - Renesas Technology Corp RA4W1 Datasheet HTML 9Page - Renesas Technology Corp RA4W1 Datasheet HTML 10Page - Renesas Technology Corp RA4W1 Datasheet HTML 11Page - Renesas Technology Corp RA4W1 Datasheet HTML 12Page - Renesas Technology Corp RA4W1 Datasheet HTML 13Page - Renesas Technology Corp RA4W1 Datasheet HTML 14Page - Renesas Technology Corp RA4W1 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 11 of 105
Mar 31, 2020
RA4W1 Datasheet
1. Overview
1.4
Function Comparison
Table 1.13
Function comparison
Part numbers
R7FA4W1AD2CNG
Pin count
56
Package
QFN
Code flash memory
512 KB
Data flash memory
8 KB
SRAM
96 KB
Parity
80 KB
ECC
16 KB
System
CPU clock
48 MHz
Backup
registers
512 bytes
ICU
Yes
KINT
8
Event control
ELC
Yes
DMA
DTC
Yes
DMAC
4
Timers
GPT32
4
GPT16
3
AGT
2
RTC
Yes
WDT/IWDT
Yes
Communication
SCI
6
IIC
2
SPI
2
CAN
1
USBFS
Yes
BLE
An RF transceiver and link layer compliant with Bluetooth 5.0 low energy specification
Analog
ADC14
8
DAC12
1
DAC8
2
ACMPLP
2
OPAMP
1
TSN
Yes
HMI
SLCDC
4 com × 9 seg
CTSU
11
Data
processing
CRC
Yes
DOC
Yes
Security
SCE5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com