Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4W1 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RA4W1
Description  32-Bit MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4W1 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RA4W1 Datasheet HTML 21Page - Renesas Technology Corp RA4W1 Datasheet HTML 22Page - Renesas Technology Corp RA4W1 Datasheet HTML 23Page - Renesas Technology Corp RA4W1 Datasheet HTML 24Page - Renesas Technology Corp RA4W1 Datasheet HTML 25Page - Renesas Technology Corp RA4W1 Datasheet HTML 26Page - Renesas Technology Corp RA4W1 Datasheet HTML 27Page - Renesas Technology Corp RA4W1 Datasheet HTML 28Page - Renesas Technology Corp RA4W1 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 105 page
background image
R01DS0359EJ0100 Rev.1.00
Page 25 of 105
Mar 31, 2020
RA4W1 Datasheet
2. Electrical Characteristics
Note 1.
This is the value when low driving ability is selected with the Port Drive Capability bit in PmnPFS register.
Note 2.
This is the value when middle driving ability is selected with the Port Drive Capability bit in PmnPFS register.
Note 3.
Except for ports P200, P214, P215, which are input ports.
Note 4.
This is the value when middle driving ability for IIC Fast-mode is selected with the Port Drive Capability bit in PmnPFS register.
Note 5.
For details on the permissible output current used with CTSU, see section 2.11, CTSU Characteristics.
2.2.4
I/O VOH, VOL, and Other Characteristics
Note 1.
P100, P101, P204, P205, P206, P407 (total 6 pins).
Note 2.
This is the value when middle driving ability is selected with the Port Drive Capability bit in PmnPFS register.
Note 3.
Based on characterization data, not tested in production.
Note 4.
Except for ports P200, P214, P215, which are input ports.
Note 5.
Except for P212, P213.
Note 6.
This excludes the CLKOUT_RF pin.
Note 1.
Except for ports P200, P214, P215, which are input ports.
Note 2.
Except for P212, P213.
Note 3.
This excludes the CLKOUT_RF pin.
Table 2.7
I/O VOH, VOL (1)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LDO = 2.7 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
IIC*1
VOL
--
0.4
V
IOL = 3.0 mA
VOL*2,*5
--
0.6
IOL = 6.0 mA
Ports P409*2, *3
VOH
VCC – 1.0
-
-
IOH = –20 mA
VCC = 3.3 V
VOL
--
1.0
IOL = 20 mA
VCC = 3.3 V
Ports P004, P010
Low drive
VOH
AVCC0 – 0.5
-
-
IOH = –1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Middle drive
VOH
AVCC0 – 0.5
-
-
IOH = –2.0 mA
VOL
--
0.5
IOL = 2.0 mA
Ports P914, P915
VOH
VCC_USB – 0.5
-
-
IOH = –1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Other output pins
*4, *6
Low drive
VOH
VCC – 0.5
-
-
IOH = –1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Middle
drive*5
VOH
VCC – 0.5
-
-
IOH = –2.0 mA
VOL
--
0.5
IOL = 2.0 mA
Table 2.8
I/O VOH, VOL (2)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LDO = 1.8 to 2.7 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
Ports P004, P010
Low drive
VOH
AVCC0 – 0.3
-
-
V
IOH = –0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Middle drive
VOH
AVCC0 – 0.3
-
-
IOH = –1.0 mA
VOL
--
0.3
IOL = 1.0 mA
Ports P914, P915
VOH
VCC_USB – 0.3
-
-
IOH = –0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Other output pins
*1, *3
Low drive
VOH
VCC – 0.3
-
-
IOH = –0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Middle
drive*2
VOH
VCC – 0.3
-
-
IOH = –1.0 mA
VOL
--
0.3
IOL = 1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com